|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
spec no. tq3c-8eaf0-e1dkh13-00 ? s p e c date april 03, 2009 t y p e : t h g 0 5 7 v g l a d - h 0 0 0 < 5.7 inch vga transflective color tft with led backlight and touch panel> c o n t e n t s 1. application 2. construction and outline 3. mechanical specifications 4. absolute maximum ratings 5. electrical characteristics 6. optical characteristics 7. interface signals 8. input timing characteristics 9. backlight characteristics 10. design guidance for analog touch-panel 11. lot number identification 12. warranty 13. precautions for use 14. reliability test data 15. outline drawing kyocera corporation ? kagoshima hayato plant lcd division ? ? ? this specification is subject to change without notice. consult kyocera before ordering. designed by: engineering dept. confirmed by: qa dept. original issue date prepared checked approved checked approved april 03, 2009 " q s
www.datasheet.co.kr datasheet pdf - http://www..net/
spec no. tq3c-8eaf0-e1dkh13-00 part no. THG057VGLAD-H000 page - warning 1. this kyocera lcd module has been sp ecifically designed for use only in electronic devices and industrial mach ines in the area of audio control, office automation, industrial control, home appliances, etc. the module should not be used in applications where the highest level of safety and reliability are required and module fa ilure or malfunction of such module results in physical harm or loss of life, as well as enormous damage or loss. such fields of applications include, without limitation, medical, aerospace, communications infrastructure, atomic energy control. kyocera expressly disclaims any and all liability resulting in any way to the use of the module in such applications. 2. customer agrees to indemnify, defend and hold kyocera harmless from and against any and all actions, claims, damages, liabilities, awards, costs, and expenses, including legal expenses, resulting from or arising out of customer's use, or sale for use, or kyocera modules in applications. caution 1. kyocera shall have the right, whic h customer hereby acknowledges, to immediately scrap or destroy tooling for kyocera modules for which no purchase orders have been received from the customer in a two-year period. www.datasheet.co.kr datasheet pdf - http://www..net/ spec no. tq3c-8eaf0-e1dkh13-00 part no. THG057VGLAD-H000 page - revision record designed by : engineering dept. confirmed by : qa dept. date prepared checked approved checked approved rev.no. date page descriptions www.datasheet.co.kr datasheet pdf - http://www..net/ spec no. tq3c-8eaf0-e1dkh13-00 part no. THG057VGLAD-H000 page 1 m019070 ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? 1. application this document defines the specification of THG057VGLAD-H000. (rohs compliant) 2. construction and outline lcd backlight system polarizer additional circuit touch panel : transflective color dot matrix type tft : led : glare anti-reflection treatment : timing controller, power supply (3.3v input) (without constant current circuit for led backlight) : analog type, non-glare treatment 3. mechanical specifications 3-1. lcd item specification unit outline dimensions 1) 144 (w) (104.8) (h) 14.8 (d) mm active area 115.2 (w) 86.4 (h) (14.4cm / 5.7 inch (diagonal)) mm effective viewing area 117.2 (w) 88.4 (h) mm dot format 640(r,g,b) (w) 480 (h) dot dot pitch 0.06 (w) 0.18 (h) mm base color 2) normally white - mass 260 g 1) projection not included. please refer to outline for details. 2) due to the characteristics of the lcd material, the color varies with environmental temperature. 3-2. touch panel item specification unit input radius-0.8 stylus or finger - actuation force 0.50.3 n transmittance typ. 80 % surface hardness pencil hardness 2h or more according - www.datasheet.co.kr datasheet pdf - http://www..net/ spec no. tq3c-8eaf0-e1dkh13-00 part no. THG057VGLAD-H000 page 2 m019070 ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? 4. absolute maximum ratings 4-1. electrical absolute maximum ratings item symbol min. max. unit supply voltage v dd 0 4.0 v input signal voltage 1) v in -0.3 6.0 v led forward current 2) if - 27 ma reversed voltage 2) vr - 5 v supply voltage for touch panel v tp 0 6.0 v input current of touch panel i tp 0 0.5 ma 1) input signal : ck, r0 ? r5, g0 ? g5, b0 ? b5, h sync , v sync , enab, r/l, u/d 2) for each ?an-ca? 4-2. environmental absolute maximum ratings item symbol min. max. unit operating temperature 1) t op -20 70 c storage temperature 2) t sto -30 80 c operating humidity 3) h op 10 4) %rh storage humidity 3) h sto 10 4) %rh vibration - 5) 5) - shock - 6) 6) - 1) operating temperature means a temperature which operation shall be guaranteed. since display performance is evaluated at 25c, another temperature range should be confirmed. 2) temp. = -30c ? 48h , temp. = 80c ? 168h store lcd at normal temperature/humidity. keep them free from vibration and shock. an lcd that is kept at a low or a high temperature for a long time can be defective due to other conditions, even if the low or high temperature satisfies the standard. ? (please refer to ?precautio ns for use? for details.) ? ? 3) non-condensing ? 4) temp. ? 40c, 85%rh max. te mp. ? 40c, absolute humidity shall be less than 85%rh at 40c. ? 5) ? ? frequency 10 ? 55 hz vibration width 0.15mm acceleration value (0.3 ? 9 m/s 2 ) interval 10-55-10 hz ? minutes ? ? ? ? ? ? ? 2 hours in each direction x, y, z (6 hours total) ? ? ? ? ? ? ? eiaj ed-2531 ? 6) acceleration: 490 m/s 2 , pulse width: 11 ms ? 3 times in each direction: x, y, z ? ? ? eiaj ed-2531 www.datasheet.co.kr datasheet pdf - http://www..net/ spec no. tq3c-8eaf0-e1dkh13-00 part no. THG057VGLAD-H000 page 3 m019070 ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? 5. electrical characteristics 5-1. lcd ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? temp. = -20 ? 70c item symbol condition min. typ. max. unit supply voltage 1) v dd - 3.0 3.3 3.6 v current consumption i dd 2) - 400 520 ma permissive input ripple voltage v rp - - - 100 mvp-p v il "low" level 0 - 0.3v dd v input signal voltage 3) v ih "high" level 0.7v dd - v dd v 1) v dd -turn-on conditions ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? 0 ? t1 ? 20ms ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? 0 ? t2 ? 50ms ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? 0 ? t3 ? 1s 2) display pattern: v dd = 3.3v, temp. = 25c 1 2 3 ~~~~~~~~~~~~~~~ 1920(dot) ? 1 2 3 : : : 479 480 (dot) 3) input signal : ck, r0 ? r5, g0 ? g5, b0 ? b5, h sync , v sync , enab, r/l, u/d 5-2. touch panel item specification supply voltage for touch panel 5.0v xl ? xr : 200 ? ? 1,000 ? terminal resistance yu ? yl : 200 ? ? 1000 ? linearity less than 1.5% insulation resistance 100m ? or more at dc25v v dd 3.0v 3.0v 0.3v t1 t2 t3 signal *3 www.datasheet.co.kr datasheet pdf - http://www..net/ spec no. tq3c-8eaf0-e1dkh13-00 part no. THG057VGLAD-H000 page 4 m019070 ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? 6. optical characteristics 6-1. reflective mode ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? measuring spot = 6.0mm, temp. = 25c item symbol condition min. typ. max. unit rise r = =0 - 10 - ms response time down d = =0 - 20 - ms contrast ratio cr = =0 10 20 - - reflectance = =0 7 10 - % 6-2. transmissive mode ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? measuring spot = 6.0mm, temp. = 25c item symbol condition min. typ. max. unit rise r = =0 - 10 - ms response time down d = =0 - 20 - ms upper - 45 - lower - 80 - deg. left - 80 - viewing angle range right cr ? 10 - 80 - deg. contrast ratio cr = =0 100 150 - - brightness l if=25ma/line 80 120 - cd/m 2 x 0.51 0.56 0.61 red y = =0 0.32 0.37 0.42 x 0.31 0.36 0.41 green y = =0 0.49 0.54 0.59 x 0.11 0.16 0.21 blue y = =0 0.13 0.18 0.23 x 0.29 0.34 0.39 chromaticity coordinates white y = =0 0.32 0.37 0.42 - www.datasheet.co.kr datasheet pdf - http://www..net/ spec no. tq3c-8eaf0-e1dkh13-00 part no. THG057VGLAD-H000 page 5 m019070 ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? 6-3. definition of reflectance (reflectance) 1 measured reflection brightness reflection brightness against standard white board 100( ? ) 6-4. definition of contrast(reflective mode) cr(contrast) 1 reflectance at all pixels "white" reflectance at all pixels "black" 6-5. definition of cont rast(transmissive mode) cr(contrast) 1 brightness at all pixels "white" brightness at all pixels "black" 6-6. definition of response time 6-7. definition of viewing angle ?? ? ?@ @ ? ?? ? ?@ ? ?+09,*;065 ?+09,*;065 @ 90./;5,:: ? + ? 9 /0;, 3(*2 /0;, www.datasheet.co.kr datasheet pdf - http://www..net/ spec no. tq3c-8eaf0-e1dkh13-00 part no. THG057VGLAD-H000 page 6 m019070 ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? 6-8. brightness measuring points 1) rating is defined on the average in the viewing area. 2) measured 30 minutes after the led is powered on. (ambient temp. = 25c) 6-9. measurement method of reflecrtance (dot) (dot) 3 03 03 0 0 1 2 3 4 5 05. 30./; :6<9*, /6;6 +,;,*;,9 (5,3 ? ? www.datasheet.co.kr datasheet pdf - http://www..net/ spec no. tq3c-8eaf0-e1dkh13-00 part no. THG057VGLAD-H000 page 7 m019070 ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? 7. interface signals 7-1. lcd no. symbol description i/o note 1 gnd gnd - 2 ck clock signal for sampling each data signal i 3 h sync horizontal synchronous signal (negative) i 4 v sync vertical synchronous signal (negative) i 5 gnd gnd - 6 r0 red data signal (lsb) i 7 r1 ? red data signal i 8 r2 ? red data signal i 9 r3 ? red data signal i 10 r4 ? red data signal i 11 r5 ? red data signal (msb) i 12 gnd ? gnd - 13 g0 ? green data signal (lsb) i 14 g1 ? green data signal i 15 g2 ? green data signal i 16 g3 ? green data signal i 17 g4 ? green data signal i 18 g5 green data signal (msb) i 19 gnd ? gnd - 20 b0 ? blue data signal (lsb) i 21 b1 ? blue data signal i 22 b2 ? blue data signal i 23 b3 ? blue data signal i 24 b4 ? blue data signal i 25 b5 ? blue data signal (msb) i 26 gnd ? gnd - 27 enab signal to settle the hori zontal display position (positive) i 1) 28 v dd ? 3.3v power supply - 29 v dd ? 3.3v power supply - 30 r/l horizontal display mode select signa l l : normal , h : left / right reverse mode i 2) 31 u/d vertical display mode select signa l h : normal , l : up / down reverse mode i 2) 32 nc ? no connect - 33 gnd ? gnd - ? ? ? ? lcd connector imsa-9632s-33z02-gf1 (iriso) ? ? ? ? recommended matching ffc or fpc 0.5mm pitch 1) the horizontal display start timing is settled in accordance with a rising timing of enab signal. in case enab is fixed "low", the horizontal start timing is determined. don't keep enab "high" during operation. www.datasheet.co.kr datasheet pdf - http://www..net/ spec no. tq3c-8eaf0-e1dkh13-00 part no. THG057VGLAD-H000 page 8 m019070 ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? 2) r/l = l r/l = h u/d = h u/d = h r/l = l r/l = h u/d = l u/d = l 7-2. led no. symbol description 1 an1 anode 1 2 an2 anode 2 3 an3 anode 3 4 ca1 cathode 1 5 ca2 cathode 2 6 ca3 cathode 3 ? ? ? ? lcd side connector shlp-06v-s-b (jst) ? ? ? ? recommended matching connector sm06b-shls-tf (jst) sm06b-shls-tf(lf) (sn) (jst) kkk (rohs compliant) 7-3. touch panel no. symbol description 1 yu y-upper terminal 2 xl x-left terminal 3 yl y-lower terminal 4 xr x-right terminal touch panel side connector 1.25mm pitch recommended matching connector series fe, ffs (jst) kca-k4r (dmc) www.datasheet.co.kr datasheet pdf - http://www..net/ spec no. tq3c-8eaf0-e1dkh13-00 part no. THG057VGLAD-H000 page 9 m019070 ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? 8. input timing characteristics 8-1. timing characteristics item symbol min typ max unit note frequency 1/tc 25.18 28.33 mhz clock duty ratio tch/tc 40 50 60 % set up time tds 5 ns data hold time tdh 10 ns 30.0 31.8 s cycle th 770 800 900 clock horizontal sync. signal pulse width thp 2 96 200 clock cycle tv 515 525 560 line vertical sync. signal pulse width tvp 2 34 line horizontal display period thd 640 clock hsync,-clock phase difference thc 10 tc-10 ns hsync-vsync. phase difference tvh tc th-thp ns vertical sync. signal star t position tvs 34 line vertical display period tvd 480 line 1) in case of lower frequency, the deterioration of the display quality, flicker etc., may occur. 8-2. horizontal display position the horizontal display position is determined by enab signal. item symbol min typ max unit note set up time tes 5 tc-10 ns enable signal pulse width tep 2 640 th-10 clock h sync ? enable signal phase difference the 44 104 clock 1) when enab is fixed at "low", the display starts from the data of c104(clock) as shown in 8-5. 2) the horizontal display position is determined by enab signal. 8-3. vertical display position 1) the vertical display position (tvs) is fixed at 34th line. 2) enab signal is independent of vertical display position. 8-4. input data signals and display position on the screen ? ? ? ? ?o ?o ?o rgb ? ? ? www.datasheet.co.kr datasheet pdf - http://www..net/ spec no. tq3c-8eaf0-e1dkh13-00 part no. THG057VGLAD-H000 page 10 m019070 ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? 8-5. input timing characteristics ? 1) when enab is fixed ?low? ,the display starts from the data of c104(clock). ? 2) the vertical display position(tvs) is fixed at 34th line. 690a65;(3 ?:@5* ? 0.5(3 ? ?:@5* e ? 7 ? ? * ? */ ? *3 ? +: ? +/ ? ? ? ? y ? ? vertical invalid data period /, ? ,: ? + ? ,7 ? 7 ? / ? : ? ? + ? ? ? ? ? ? ? ? 36*2 ?:0.5(3 ? e (;( ?:0.5(3 ? ? ? ? ? ? ? e ? ? (;( ?5()3, ?:0.5(3 ? ? e ? ,9;0*(3 ?:@5* ? ? 0.5(3 ?:@5* e ? 690a65;(3 ?:@5* ? ?:@5* e ? (;( ?:0.5(3 ? ? ? ? ? ? ? e ? ? v ertical invalid data period <4),9 ?6- ? ?+(;( ? |